Part Number Hot Search : 
ZX84C3V6 1A105 74HC25 HT82V IRFZ24 0509S 1008C 1863635X
Product Description
Full Text Search
 

To Download C470RT230-S0200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   features small chip - 200 x 200 x 85 m low forward voltage 3.1 v typical at 20 ma - blue & traffc green 3.2 v typical at 20 ma green rt230? led performance 2.0 mw min. blue 1.5 mw min. green single wire bond structure class 2 esd rating ? ? C C ? C C ? ? applications mobile phone key pads blue leds white leds audio product display lighting mobile appliance keypads automobile dashboard lighting ? ? ? ? ? ? razerthin ? leds c xxx rt230-s0200 crees razerthin leds combine highly effcient ingan materials with crees proprietary g?sic? substrate to deliver superior price/performance for blue and green leds. these vertically structured led chips are small in size and require a low forward voltage. crees rt series chips are tested for conformity to optical and electrical specifcations and the ability to withstand 1000 v esd. applications include keypad backlighting where sub-miniaturization and thinner form factors are required. c xxx rt230-s0200 chip diagram d a t a s h e e t : c p r 3 c o , r e v . a top view bottom view g?sic? led chip 200 x 200 m sic substrate h = 85 m backside metallization 80 x 80 m gold bond pad 105 m diameter side view cathode (-) anode (+) mesa (junction) 176 x 176 m ingan subject to change without notice. www.cree.com
copyright ? 2005-2006 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo, g?sic and razerthin are registered trademarks, and rt230 is a trademark of cree, inc. 2 cpr3co rev. a cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 www.cree.com maximum ratings at t a = 25c notes &3 c xxx rt230-s0200 dc forward current 30 ma peak forward current (1/10 duty cycle @ 1khz) 100 ma led junction temperature 125c reverse voltage 5 v operating temperature range -40c to +100c storage temperature range -40c to +100c electrostatic discharge threshold (hbm) note 2 1000 v electrostatic discharge classifcation (mil-std-883e) note 2 class 2 typical electrical/optical characteristics at t a = 25c, if = 20 ma note 3 part number forward voltage (v f , v) reverse current [i(vr=5v), a] full width half max ( d , nm) min. typ. max. max. typ. c460rt230-s0200 2.7 3.1 3.7 2 21 C470RT230-S0200 2.7 3.1 3.7 2 22 c505rt230-s0200 2.7 3.1 3.7 2 30 c527rt230-s0200 2.7 3.2 3.7 2 35 mechanical specifcations c xxx rt230-s0200 description dimension tolerance p-n junction area (m) 176 x 176 25 top area (m) 200 x 200 25 bottom area (m) 200 x 200 25 chip thickness (m) 85 10 au bond pad diameter (m) 105 -5, +15 au bond pad thickness (m) 1.2 0.5 back contact metal area (m) 80 x 80 25 notes: maximum ratings are package dependent. the above ratings were determined using a t-1 3/4 package (with hysol os4000 epoxy) for characterization. ratings for other packages may differ. the forward currents (dc and peak) are not limited by the die but by the effect of the led junction temperature on the package. the junction temperature limit of 125c is a limit of the t-1 3/4 package; junction temperature should be characterized in a specifc package to determine limitations. assembly processing temperature must not exceed 325c (< 5 seconds). product resistance to electrostatic discharge (esd) according to the hbm is measured by simulating esd using a rapid avalanche energy test (raet). the raet procedures are designed to approximate the maximum esd ratings shown. the raet procedure is performed on each die. the esd classifcation of class 2 is based on sample testing according to mil -std-883e. all products conform to the listed minimum and maximum specifcations for electrical and optical characteristics when assembled and operated at 20 ma within the maximum ratings shown above. effciency decreases at higher currents. typical values given are within the range of average values expected by manufacturer in large quantities and are provided for information only. all measurements were made using lamps in t-1 3/4 packages (with hysol os4000 epoxy). optical characteristics measured in an integrating sphere using illuminance e. caution: to obtain optimum output effciency, the amount of epoxy used should be characterized based upon the specifc application. specifcations are subject to change without notice. 1. 2. 3. 4. 5.
copyright ? 2005-2006 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo, g?sic and razerthin are registered trademarks, and rt230 is a trademark of cree, inc. 3 cpr3co rev. a cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 www.cree.com standard bins for c xxx rt230-s0200 led chips are sorted to the radiant fux and dominant wavelength bins shown. sorted die sheets contain die from only one bin. sorted die kit (c xxx rt230-s0200) orders may be flled with any or all bins (c xxx rt230-0 xxx ) contained in the kit. all radiant fux values are measured at if = 20 ma and all dominant wavelength values are measured at if = 20 ma. c460rt230-s0200 c460rt230-0203 c460rt230-0204 c460rt230-0201 c460rt230-0202 455 nm 460 nm 465 nm 6.0 mw 4.0 mw 2.0 mw dominant wavelength radiant flux C470RT230-S0200 c470rt230-0203 c470rt230-0204 c470rt230-0201 c470rt230-0202 465 nm 470 nm 475 nm 6.0 mw 4.0 mw 2.0 mw dominant wavelength radiant flux c527rt230-s0200 c527rt230-0204 c527rt230-0205 c527rt230-0206 c527rt230-0201 c527rt230-0202 c527rt230-0203 520 nm 525 nm 530 nm 535 nm 4.0 mw 2.5 mw 1.5 mw dominant wavelength radiant flux c505rt230-s0200 c505rt230-0205 c505rt230-0206 c505rt230-0203 c505rt230-0204 c505rt230-0201 c505rt230-0202 500 nm 505 nm 510 nm 6.0 mw 4.0 mw 2.5 mw 1.5 mw dominant wavelength radiant flux
copyright ? 2005-2006 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo, g?sic and razerthin are registered trademarks, and rt230 is a trademark of cree, inc. 4 cpr3co rev. a cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 www.cree.com characteristic curves these are representative measurements for the rt230 product. actual curves will vary slightly for the various radiant fux and dominant wavelength bins. forward current vs forward voltage 0 5 10 15 20 25 30 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 vf (v) if (ma) wavelength shift vs forward current -4.0 0.0 4.0 8.0 12.0 16.0 20.0 0 5 10 15 20 25 30 if (ma) shift (nm) 527nm 505nm 470nm relative intensity vs. peak wavelength 0 20 40 60 80 100 350 400 450 500 550 600 650 wavelength (nm) relative intensity (%) 460 nm 505 nm 527 nm relative intensity vs forward voltage 0 20 40 60 80 100 120 140 0 5 10 15 20 25 30 if (ma) % relative intensity


▲Up To Search▲   

 
Price & Availability of C470RT230-S0200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X